Part Number Hot Search : 
24128 AC10F CA2902E D42C3 6407A ISL59 100LT DG417L
Product Description
Full Text Search
 

To Download AP3P7R0EMT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ap3p7r0em t advanced power p-channel enhancement mode electronics corp. power mosfet 100% r g & uis test bv dss -30v simple drive requirement r ds(on) 7m fast switching characteristic i d -75a rohs compliant & halogen-free hbm esd 2kv description absolute maximum ratings@ t j =25 o c(unless otherwise specified) symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i d @t a =25 a i d @t a =70 a i dm a p d @t c =25 w p d @t a =25 w e as single pulse avalanche energy 4 mj t stg t j symbol value unit rthj-c maximum thermal resistance, junction-case 2.1 /w rthj-a maximum thermal resistance, junction-ambient 3 25 /w data and specifications subject to change without notice drain current 3 , v gs @ 10v -17.5 pulsed drain current 1 -200 201704251 1 -55 to 150 rating halogen-free product parameter drain-source voltage gate-source voltage drain current 3 , v gs @ 10v drain current, v gs @ 10v drain current, v gs @ 10v 59.5 135 -30 + 20 -22 -75 -47.8 thermal data parameter total power dissipation operating junction temperature range storage temperature range 5 -55 to 150 total power dissipation a p3p7r0e series are from advanced power innovated design and silicon process technology to achieve the lowest possible on-resistance and fast switching performance. it provides the designer with an extreme efficient device for use in a wide range of power applications. the pmpak ? 5x6 package is special for voltage conversion application using standard infrared reflow technique with the backside heat sink to achieve the good thermal performance. s s s g pmpak ? 5 x 6 d d d d g d s .
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -30 - - v r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-20a - - 7 m v gs =-4.5v, i d =-20a - - 15 m v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 - -3 v g fs forward transconductance v ds =-5v, i d =-20a - 47 - s i dss drain-source leakage current v ds =-24v, v gs =0v - - -10 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 30 ua q g total gate charge i d =-20a - 34 54.4 nc q gs gate-source charge v ds =-15v - 12 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 11 - nc t d(on) turn-on delay time v ds =-15v - 42 - ns t r rise time i d =-20a - 120 - ns t d(off) turn-off delay time r g =3.3 - 460 - ns t f fall time v gs =-10v - 280 - ns c iss input capacitance v gs =0v - 4300 6880 pf c oss output capacitance v ds =-15v - 590 - pf c rss reverse transfer capacitance f=1.0mhz - 330 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-20a, v gs =0v - - -1.2 v t rr reverse recovery time i s =-20a, v gs =0v, - 21 - ns q rr reverse recovery charge di/dt=-100a/s - 8 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 4.starting t j =25 o c , v dd =-30v , l=0.3mh , r g =25 this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 3.surface mounted on 1 in 2 copper pad of fr4 board, t < 10sec 2 AP3P7R0EMT .
ap3p7r0em t fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature 2.01e+09 fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 80 160 240 320 0481216 -v ds , drain-to-source voltage (v) -i d , drain current (a) -10v -7.0v -6.0v -5.0v v g = -4.0v t c =25 o c 0 40 80 120 160 0246810 -v ds , drain-to-source voltage (v) -i d , drain current (a) t c = 150 o c -10v -7.0v -6.0v -5.0v v g = -4.0v 5 6 7 8 9 10 246810 -v gs , gate-to-source voltage (v) r ds(on) (m ) i d = -20 a t c =25 o c 0.0 0.4 0.8 1.2 1.6 2.0 -100 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d = -20a v g = -10v 0.0 0.4 0.8 1.2 1.6 2.0 -100 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c i d = -250ua .
ap3p7r0em t fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance 2011082301 fig 11. transfer characteristics fig 12. drain current v.s. case temperature 4 0 2 4 6 8 0 102030405060 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = -20 a v ds = -15v 0 2000 4000 6000 8000 1 5 9 13 17 21 25 29 33 37 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.1 1 10 100 1000 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) t c =25 o c single pulse 100us 1ms 10ms dc operation in this area limited by r ds(on) 0 20 40 60 80 100 25 50 75 100 125 150 t c , case temperature ( o c ) -i d , drain current (a) 0 20 40 60 80 0123456 -v gs , gate-to-source voltage (v) -i d , drain current (a) t j =150 o c t j =25 o c v ds =-5v .
ap3p7r0em t fig 13. normalized bv dss v.s. junction fig 14. total power dissipation temperature fig 15. typ. drain-source on state resistance 5 0 20 40 60 80 100 0 50 100 150 t c , case temperature( o c) p d , power dissipation(w) 0 0.4 0.8 1.2 1.6 2 -100 -50 0 50 100 150 t j , junction temperature ( o c) normalized bv dss i d = -1ma 0 10 20 30 40 50 0 20 40 60 80 100 120 -i d , drain current (a) r ds(on) (m ) t j =25 o c -4.5v v gs = -10v .
AP3P7R0EMT marking information 6 date code (ywwsss) y last digit of the year ww week sss sequence part numbe r 3p7r0e ywwsss .


▲Up To Search▲   

 
Price & Availability of AP3P7R0EMT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X